Part Number Hot Search : 
IRF830 SML60A16 2SK0796A 6047613 X3102V28 10420 28AT3 CD9018
Product Description
Full Text Search
 

To Download AP3216SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
AP3216SRCPRV
SUPER BRIGHT RED
Features
3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0979 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/04/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 5 ERP:1203000412
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AP3216SRCPRV SUPER BRIGHT RED (GaAlAs) WATER CLEAR 36 Typ. 80 Viewing Angle 2 1/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD0979 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/04/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 5 ERP:1203000412
Super Bright Red
AP3216SRCPRV
SPEC NO: DSAD0979 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/04/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 5 ERP:1203000412
AP3216SRCPRV
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0979 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/04/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 5 ERP:1203000412
PACKING & LABEL SPECIFCATIONS
AP3216SRCPRV
Remarks: If special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD0979 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/04/2005 DRAWN: W.J.ZHU
PAGE: 5 OF 5 ERP:1203000412


▲Up To Search▲   

 
Price & Availability of AP3216SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X